Part Number Hot Search : 
BCR185T 190N60 DT74ALV WT6801 78L20 74ACT17 1118FA 102M0
Product Description
Full Text Search
 

To Download DG3535DB-T1-E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix dg3535, dg3536 document number: 72961 s11-0303-rev. g, 28-feb-11 www.vishay.com 1 0.25 ? low-voltage dual spdt analog switch features ? low voltage operation ? low on-resistance - r on : 0.25 ? at 2.7 v ? - 69 db oirr at 2.7 v, 100 khz ? micro foot ? package ? esd protection > 2000 v benefits ? reduced power consumption ? high accuracy ? reduce board space ? 1.6 v logic compatible ? high bandwidth applications ? cellular phones ? speaker headset switching ? audio and video signal routing ? pcmcia cards ? battery operated systems ? relay replacement description the dg3535, dg3536 is a sub 1 ? (0.25 ? at 2.7 v) dual spdt analog switches designed for low voltage applications. the dg3535, dg3536 has on-r esistance matching (less than 0.05 ? at 2.7 v) and flatness (less than 0.2 ?? at 2.7 v) that are guaranteed over the entire voltage range. additionally, low logic thresholds makes the dg3535, dg3536 an ideal interface to low voltage dsp control signals. the dg3535, dg3536 has fast switching speed with break- before-make guaranteed. in the on condition, all switching elements conduct equally in both directions. off-isolation and crosstalk is - 69 db at 100 khz. the dg3535, dg3536 is built on vishay siliconix?s high- density low voltage cmos process. an eptiaxial layer is built in to prevent latchup. the dg3535, dg3536 contains the additional benefit of 2000 v esd protection. as a committed partner to the community and the environment, vishay siliconix manufactures this product with the lead (pb)-free devi ce terminations. for micro foot analog switching produc ts manufactured with tin/ silver/copper (snagcu) device terminations, the lead (pb)-free ?-e1? suffix is being used as a designator. functional block diagram and pin configuration dg3535, dg3536 micro foot 10-bump nc 2 no 2 no 1 nc 1 gnd v+ xxx 3535 a1 locator 3535 = example base part number xxx = data/lot traceability code nc 2 no 2 com 1 in 2 1 a 234 b c top view com 2 gnd v+ in 1 nc 1 no 1 in 2 in 1 com 2 com 1 no 2 nc 2 com 1 in 2 1 a 234 b c top view com 2 gnd v+ in 1 no 1 nc 1 dg3535 dg3536 device marking truth table logic nc1 and nc2 no1 and no2 0 on off 1offon ordering information temp. range package part number - 40 c to 85 c micro foot: 10 bump (4 x 3, 0.5 mm pitch, 238 m bump height) dg3535db-t5-e1 DG3535DB-T1-E1 dg3536db-t5-e1
www.vishay.com 2 document number: 72961 s11-0303-rev. g, 28-feb-11 vishay siliconix dg3535, dg3536 notes: a signals on nc, no, or com or in exceeding v+ will be clamped by internal diodes. li mit forward diode current to maximum curre nt ratings. b refer to ipc/jedec (j-std-020b) c all bumps welded or soldered to pc board. d derate 5.7 mw/c above 70 c. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. absolute maximum ratings parameter limit unit reference v+ to gnd - 0.3 to + 6 v in, com, nc, no a - 0.3 to (v+ + 0.3 v) continuous current (no, nc, com) 300 ma peak current (pulsed at 1 ms, 10 % duty cycle) 500 storage temperature (d suffix) - 65 to 150 c package solder reflow conditions b ir/convection 250 esd per method 3015.7 > 2 kv power dissipation (packages) c micro foot: 10 bump (4 x 3 mm) d 457 mw specifications (v+ = 3.0 v) parameter symbol test conditions otherwise unless specified v+ = 3 v, 10 %,v in = 0.5 v or 1.4 v e temp. a limits - 40 to 85 c unit min. b typ. c max. b analog switch analog signal range d v no , v nc , v com full 0 v+ v on-resistance d r on v+ = 2.7 v, v com = 0.6/1.5 v i no , i nc = 100 ma room full 0.25 0.4 0.5 ? r on flatness d r on flatness room 0.15 on-resistance match between channels d ? r ds(on) room 0.05 switch off leakage current i no(off) i nc(off) v+ = 3.3 v, v no , v nc = 0.3 v/3 v, v com = 3 v/0.3 v room full - 2 - 20 2 20 na i com(off) room full - 2 - 20 2 20 channel-on leakage current i com(on) v+ = 3.3 v, v no , v nc = v com = 0.3 v/3 v room full - 2 - 20 2 20 digital control input high voltage d v inh full 1.4 v input low voltage v inl full 0.5 input capacitance c in full 10 pf input current i inl or i inh v in = 0 or v+ full 1 1 a
document number: 72961 s11-0303-rev. g, 28-feb-11 www.vishay.com 3 vishay siliconix dg3535, dg3536 notes: a. room = 25 c, full = as determined by the operating suffix. b. typical values are for design aid only, not guaranteed nor subject to production testing. c. the algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. d. guarantee by design, nor subjected to production test. e. v in = input voltage to perform proper function. specifications (v+ = 3.0 v) parameter symbol test conditions otherwise unless specified v+ = 3 v, 10 %,v in = 0.5 v or 1.4 v e temp. a limits - 40 c to 85 c unit min. b typ. c max. b dynamic characteristics tu r n - o n t i m e t on v no or v nc = 2.0 v, r l = 50 ? , c l = 35 pf room full 52 82 90 ns turn-off time t off room full 43 73 78 break-before-make time t d room 1 6 charge injection d q inj c l = 1 nf, v gen = 1.5 v, r gen = 0 ? full 21 pc off-isolation d oirr r l = 50 ?? , c l = 5 pf, f = 100 khz room - 69 db crosstalk d x ta l k room - 69 n o , n c off capacitance d c no(off) v in = 0 or v+, f = 1 mhz room 145 pf c nc(off) room 145 channel-on capacitance d c no(on) room 406 c nc(on) room 406 power supply power supply current i+ v in = 0 or v+ room full 0.001 1.0 1.0 a
www.vishay.com 4 document number: 72961 s11-0303-rev. g, 28-feb-11 vishay siliconix dg3535, dg3536 typical characteristics (25 c, unless otherwise noted) r on vs. v com and supply voltage supply current vs. temperature leakage current vs. temperature 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v com - analog voltage (v) t = 25 c i s = 100 ma - on-resistance ( ? ) r on v+ = 1.8 v v+ = 2.0 v v+ = 2.7 v v+ = 3.0 v v+ = 3.3 v - 60 - 40 - 20 0 20 40 60 80 100 10 10 000 100 000 temperature ( c) 100 1000 i+ - supply current (na) v+ = 3.0 v v in = 0 v - 60 - 40 - 20 0 20 40 60 80 100 1 10000 temperature ( c) v+ = 3.0 v 100 1000 leakage current (pa) i com(off) i no(off) , i nc(off) 10 i com(on) r on vs. analog voltage and temperature (nc1) supply current vs. input switching frequency leakage vs. analog voltage 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v com - analog voltage (v) - on-resistance ( ? ) r on v+ = 3.0 v i s = 100 ma 85 c 25 c - 40 c 10 10 k 100 k 10 m 100 1 k 1 m 100 ma 10 ma 1 ma 100 ? a 10 ? a 1 ? a 100 na 1 na input switching frequency (hz) i+ - supply current (a) v+ = 3 v 10 na - 300 - 250 - 200 - 150 - 100 - 50 0 50 100 150 200 250 300 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v com - analog voltage (v) leakage current (pa) v+ = 3.0 v i com(on) i com(off) i no(off) , i nc(off)
document number: 72961 s11-0303-rev. g, 28-feb-11 www.vishay.com 5 vishay siliconix dg3535, dg3536 typical characteristics (25 c, unless otherwise noted) switching time vs. temperature switching threshold vs. supply voltage 0 10 20 30 40 50 60 70 80 90 100 - 60 - 40 - 20 0 20 40 60 80 100 , t on - switching t ime (ns) t off t on v+ = 3 v t off v+ = 3 v temperature ( c) t on v+ = 2 v t off v+ = 2 v 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 0123456 v+ - supply voltage (v) - switching threshold (v) v t insertion loss, off-isolation crosstalk vs. frequency charge injection vs. analog voltage 100 k -90 10 m 10 -70 -50 100 m 1 g 1 m frequency (hz) (db) loss, oirr, x talk -30 -10 oirr x talk v+ = 3.0 v r l = 50 ? loss - 300 - 250 - 200 - 150 - 100 - 50 0 50 100 150 200 250 300 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v com - analog voltage (v) q - charge injection (pc) v+ = 3.0 v v+ = 2.0 v
www.vishay.com 6 document number: 72961 s11-0303-rev. g, 28-feb-11 vishay siliconix dg3535, dg3536 test circuits figure 1. switching time switch input c l (includes fixture and stray capacitance) v+ in no or nc c l 35 pf com logic input r l 300 ? v out gnd v+ 50 % 0 v logic input switch output t on t off logic ?1? = switch on logic input waveforms inverted for switches that have the opposite logic sense. 0 v switch output 0.9 x v out t r < < 5 ns t f 5 ns v inh v inl v out ? v com r l r l ? r on figure 2. break-before-make interval c l (includes fixture and stray capacitance) nc v no no v nc 0 v logic input switch output v o v nc = v no 90 % t d in com v+ gnd v+ c l 35 pf v o r l 300 ? v inl v inh t r < 5 ns t f < 5 ns t d figure 3. charge injection c l = 1 nf r gen v out com v in = 0 - v+ in gnd v+ v+ + nc or no off on on in ? v out v out q = ? v out x c l in depends on switch configuration: input polarity determined by sense of switch.
document number: 72961 s11-0303-rev. g, 28-feb-11 www.vishay.com 7 vishay siliconix dg3535, dg3536 test circuits figure 4. off-isolation in gnd nc or no 0 v, 2.4 v 10 nf com off isolation = 20 log v com v no/ nc r l analyzer v+ v+ com figure 5. channel off/on capacitance nc or no f = 1 mhz in com gnd 0 v, 2.4 v meter hp4192a impedance analyzer or equivalent 10 nf v+ v+
www.vishay.com 8 document number: 72961 s11-0303-rev. g, 28-feb-11 vishay siliconix dg3535, dg3536 package outline micro foot: 10 bump (4 x 3, 0.5 mm pitch, 0.238 mm bump height) notes (unless otherwise specified): a. bump is lead free sn/ag/cu. b. non-solder mask defined copper landing pad. c. laser mark on silicon die back; back-lapped, no coating. shown is not actual marking; sample only. notes: a. use millimeters as the primary measurement. vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?72961 . index-bump a1 note c top side (die back) xxx 3535 recommended land pattern 0.5 0.5 bump note a 321 a b e d a a 2 a 1 s s e silicon c 4 b diameter e e e e 10 x ? 0.150 ? 0.229 note b solder mask ? ? pad diameter + 0.1 millimeters a inches dim. min. max. min. max. a 0.688 0.753 0.0271 0.0296 a 1 0.218 0.258 0.0086 0.0102 a 2 0.470 0.495 0.0185 0.0195 b 0.306 0.346 0.0120 0.0136 d 1.980 2.020 0.0780 0.0795 e 1.480 1.520 0.0583 0.0598 e 0.5 basic 0.0197 basic s 0.230 0.270 0.0091 0.0106
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of DG3535DB-T1-E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X